PART |
Description |
Maker |
ECO350UPS |
Eco 350VA Energy-saving Standby 120V UPS with USB port
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
ECO650LCDTAA-15 |
TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
|
Tripp Lite. All Rights Rese...
|
MM1548 |
Secondary Control For Energy-saving ac Adaptor
|
Mitsumishi
|
MM1548 |
Secondary Control for Energy-Saving AC Adaptor From old datasheet system
|
Mitsumi
|
3DD4163DT-O-T-N-C |
Energy-saving light
|
JILIN SINO-MICROELECTRO...
|
EM3-DINAV33DX EM3-DINAV83DX EM3-DINAV93DX EM3-DINA |
Energy Management Energy Meter with plug-in Output Modules
|
Electronic Theatre Controls, Inc.
|
EM3-DINAV93DX EM3-DINAV23CO EM3-DINAV23CR EM3-DINA |
Energy Management Energy Meter with plug-in Output Modules
|
List of Unclassifed Manufacturers ETC[ETC]
|
EM24DIN |
Energy Management Energy Analyzer Type EM24 DIN
|
List of Unclassifed Manufacturers
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
JE93I9HTR5 JE9 JE9112HR1 JE9112HR2 JE9112HR3 JE911 |
Digital Media System-on-Chip (DMSoC) 338-NFBGA 大功率磁保持继电 2.0mV Quad Ultra Micropower Rail-to-Rail CMOS Operational Amplifier, 24L SOIC 大功率磁保持继电 HIGH POWER LATCHING RELAY 大功率磁保持继电 Energy Harvesting Module w/ connector, 1.8V to 3.6V, 4.6mJ, 68msec@25mA Energy Harvesting Module w/ connector, 3.1V to 5.2V, 55mJ, 88msec@150mA Energy Harvesting Module w/ connector, 3.1V to 5.2V, 8.3mJ, 80msec@25mA Energy Harvesting Module w/ connector, 1.8V to 3.6V, 30mJ, 75msec@150mA SOIC socket added to Adapter Module
|
Hongfa Relay ???瀹???靛0?′唤?????? Xiamen Hongfa Electroacoustic Co., Ltd. 厦门宏发电声股份有限公司 HONGFA[Hongfa Technology]
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
C-1811027 |
REVISED PER ECO-17-012433
|
TE Connectivity Ltd
|
|